Part Number Hot Search : 
XW6822 PS2651L2 PL3502JP 10A20 SIZ916DT ZMM7V5 11001 MAX44
Product Description
Full Text Search
 

To Download ABSM3A-160000MHZ-16-R040-Z-F-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb rohs compliant | | | | | | | | | | | | | | | absm3a ? home electronics ? computers, modems, and communications ? clock applications ? microprocessors ? excellent all-purpose surface-mount crystal. ? four pad land pattern compatible with common plastic molded designs. revised: 02.10.09 12.5 x 4.95 x h microprocessor at49 4 pads smd crystal abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-800 0 | fax 949 - 546 - 8001 | ww w .abra c on. c om options & part identification: (left blank if standard) standard specifications: applications: features: p arameters visit www.abracon.com for terms & conditions of sale abracon p/n: absm3a series frequency: 3.579545 mhz to 54 mhz operation mode: at-strip ( see options) 3.579545 mhz - 30.00 mhz (fundamental at) 40.00 mhz - 54.00 mhz (3rd ot at) 30 mhz - 48.00 mhz (fundamendal bt) operating temperature: - 10c to + 60c (see options) storage temperature: - 40c to + 85 c frequency tolerance: 50 ppm max. (see options) 100 ppm max. (see options) equivalent series resistance (max.): see table 1 shunt capacitance c0: 7.0pf max. load capacitance cl: 18.0pf (see option) drive level: 100mw max., 100w correlation aging (per year) @ 25 c: 5 ppm max. insulation resistance: 500 m ? min. at 100 vdc 15 vdc frequency stability over: table 1 standard es r 100 50 40 7.000 - 14.999 15.000 - 50.0 (fund) 180 esr( ? ) max. 150 4.000 - 4.999 5.000 - 6.999 frequency (mhz) 3.579545 - 3.999 blan k 0.20 (5.1 ) e 0c to + 70c 2 0.18 (4.5 ) b -20c to +70c 3 0.15 (3.8 ) c -30c to +70c n -30c to +85c d -40c to +85c 1 10 ppm 7 15 ppm 2 20 ppm 3 25 ppm 4 30 pp m u * 10 ppm g* * 15 ppm x 20 ppm w 25 ppm y 30 ppm h 35 ppm z 50 ppm note: fundamental bt frequency stability 100ppm max. at -10c to +60c only fundamental bt for f>30mhz custom esr freq. tolerance fb freq. stability t tape and reel frequency absm3 b - frequency - - r - - - - - fundamental at for f>30mhz height max. mode xx.xxx mhz ** temp option e, b, c, and n only f operating temp. * -10c to 60c only packaging please specify cl in pf or s for series (minimun 10pf) load capacitance rxxx (value in ? ) if it is custom
absm3a pb rohs compliant | | | | | | | | | | | | | | | abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r n ia 9268 8 te l 949-546-800 0 | f ax 949-546-8001 | ww w .ab r acon.com dimensions: inches (mm) dimensions: mm outline drawing: tape & reel: revised: 02.10.09 visit www.abracon.com for terms & conditions of sale part no absm3a absm32a absm33a 0.15 (3.8) h (max.) 0.20 (5.1) 0.18 (4.5) reflow profile t= tape and reel (1,000pcs/reel) h ( s ee t ab l e ) dimension : mm 12.5 x 4.95 x h microprocessor at49 4 pads smd crystal


▲Up To Search▲   

 
Price & Availability of ABSM3A-160000MHZ-16-R040-Z-F-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X